Part Number Hot Search : 
BUK72 45105C M38049 35005 FQP19N10 331M16 VRE4141B 5KP54CA
Product Description
Full Text Search
 

To Download USB002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05244.r3 4/11 page 1 05244 USB002 u lt r a low ca p acitance s tee r ing diode a rr ay d e s c r i p tion the USB002 is an ultra low capacitance (0.6pf) steering diode array. this device provides circuit protecton for interfaces and wireless bus applicatons and portable electronics. the USB002 is ideally suited to protect usb data i/o ports against the efects of esd and eft. the USB002 meets the requirements of iec 61000-4-2 (esd) and iec 61000-4-4 (eft). at higher operatng frequen - cies or faster edge rates, inserton loss and signal integrity are a major concern. the USB002 ofers a ultra low capacitance and low leakage current in a sot-543 package. feat ur e s ? compatble with iec 61000-4-2 (esd): air - 15kv, contact - 8kv ? compatble with iec 61000-4-4 (eft): 40a - 5/50ns ? esd protecton > 25 kilovolts ? 225 milliwat contnuous power dissipaton ? provides 2 lines of protecton ? low leakage current < 1.0a ? ultra low capacitance: 0.6pf ? rohs compliant ? reach compliant mechanical cha r acte r i s tic s ? molded jedec sot-543 package ? approximate weight: 3 milligrams ? lead-free pure-tin platng (annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? 8mm tape and reel per eia standard 481 ? flammability ratng ul 94v-0 a pp lication s ? usb interface ports ? smart phones ? video ? portable electronics ? laptops p in con f ig ur ation s ot -543 p ackage 1 3 4 2 v n i/o 1 v p i/o 2
only one name means protektion? www.protekdevices.com 05244.r3 4/11 page 2 05244 USB002 ty p ical device cha r acte r i s tic s m a x i mum r ating s @ 25c unless o therwise specifed p a r a m ete r s y mb ol val u e u nit s operatng temperature t a -55 to 150 c storage temperature t stg -55 to 150 c contnuous power dissipaton p pc 225 mw repettve peak forward current @ tp = 5s, f = 50khz (pin 1-2) i frm 700 ma elect r ical cha r acte r i s tic s p e r line @ 25c unless o therwise specifed p a r t n umb e r device m a r king r e p etitive p eak r eve rs e voltage ( n ote 1) @ 10 a v rrm volt s m a x i mum r eve rs e leakage c urr ent (n ote 2) @ v rrm @ 5v i r a m a x i mum diode f o r wa r d voltage @ 10 m a v f volt s m a x i mum ca p acitance ( n ote 3) c j p f USB002 u2 20 1 1.4 0.6 note s 1. v p - v n = 20 volts. 2. v p - v n = 5.5 volts. 3. between line and ground - v p = 5 volts, f = 1 mhz, v i/o = 2.5 volts, v n = 0 volts.
only one name means protektion? www.protekdevices.com 05244.r3 4/11 page 3 05244 USB002 ty p ical device cha r acte r i s tic s f ig ur e 2 low f o r wa r d c urr ent v s f o r wa r d voltage v f - forward v oltage - v 800 840 880 920 960 1000 i f - forward c urrent - ma 10 30 50 70 90 110
only one name means protektion? www.protekdevices.com 05244.r3 4/11 page 4 05244 USB002 s ot -543 p ackage in f o rm ation o u tline di m en s ion s di m m illi m ete rs inche s m in m a x m in m a x a 1.50 1.70 0.059 0.067 b 1.10 1.30 0.043 0.051 c 0.50 0.60 0.020 0.024 d 0.17 0.27 0.007 0.011 g 0.50 bsc 0.020 bsc j 0.08 0.18 0.003 0.007 k 0.10 0.30 0.004 0.012 s 1.50 1.70 0.059 0.067 r 0.05 0.15 0.002 0.006 note s 1. controlling dimension: inches. 2. dimensioning and tolerances per ansi y14.5m, 1985. 3. dimensions are exclusive of mold fash and metal burrs. 4. do not connect center stub. p ad layo u t di m en s ion s di m m illi m ete rs inche s no m inal no m inal a 1.02 0.040 b 1.20 0.048 c 0.30 0.012 d 0.51 0.020 note s 1. controlling dimension: inches. a b d g j c k s 1 b a d c r
only one name means protektion? www.protekdevices.com 05244.r3 4/11 page 5 05244 USB002 ta p e and r eel sp eci f ication s reel d ia. t a p e w idth a 0 b0 k 0 d e f w p0 p2 p tmax 178mm (7) 8mm 1.78 0.05 1.78 0.05 0.69 0.05 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10 0.25 n ote s 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t7 = 7 reel - 3,000 pieces per 8mm tape. 4. marking on part - marking code (see page 2) and polarity dot. package outline, pad layout and tape specifcatons per document number 06074.r3 3/11. o r de r ing in f o rm ation b a s e p a r t n umb e r lead fr ee suff i x ta p e suff i x q ty /r eel r eel s i z e t ub e q ty USB002 -lf -t7 3000 7 n/a t op cover tape k0 d p0 p2 10 pitches cumulatve t olerance on t ape. 0.2 a0 b0 p e f w user directon of feed pin 1 t
only one name means protektion? www.protekdevices.com 05244.r3 4/11 page 6 05244 USB002 co mp any in f o rm ation co mp any pr ofile protek devices, based in tempe, arizona usa, is a manufacturer of transient voltage suppression (tvs) products designed specifcally for the protecton of electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulse (nemp), in - ductve switching and emi/rfi. with over 25 years of engineering and manufacturing experience, protek designs tvs devices that provide applicaton specifc protecton solutons for all electronic equipment/systems. protek devices analog products division, also manufactures analog interface, control, rf and power management products. copyright ? protek devices 2007 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. contact us c orporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by t elephone general: 602-431-8101 sales: 602-414-5109 customer service: 602-414-5114 by fax general: 602-431-2288 by e -mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com w eb www.protekdevices.com www.protekanalog.com


▲Up To Search▲   

 
Price & Availability of USB002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X